Part Number Hot Search : 
P2504 P6KE12CA FM25C16 6VM2S OV511 PA079DS1 ISL6549 CLL4122
Product Description
Full Text Search
 

To Download AP2302LD-E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2a ddr termination regulator ap2302l preliminary datasheet 1 nov. 2005 rev. 1. 1 bcd semiconductor manufacturing limited figure 1. package types of ap2302l general description the ap2302l linear regulator is designed to meet the jedec specification sstl-2 and sstl-18 for termi- nation of ddr-sdram. the regulator can sink or source up to 2a current continuously, providing enough current for most ddr applications. v out is designed to track the v ref voltage within a 20mv tolerance over the entire cu rrent range while prevent- ing shooting through on the output stage. on-chip ther- mal limiting provides protection against a combination of high current and ambien t temperature which would create an excessive junction temperature. the ap2302l, used in conjunction with series termi- nation resistors, provides an excellent voltage source for active termination schemes of high speed transmis- sion lines as those seen in high speed memory buses and distributed backplane designs. the ap2302l is available in soic-8 and to-252-5 packages. features support both ddr i (1.25v tt ) and ddr ii (0.9v tt ) requirements source and sink current up to 2a high accuracy output voltage at full-load adjustable v out by external resistors shutdown for standby or suspend mode operation with high -impedance output applications ddr-sdram termination ddr-ii termination sstl-2 termination soic-8 to-252-5
2a ddr termination regulator ap2302l preliminary datasheet 2 nov. 2005 rev. 1. 1 bcd semiconductor manufacturing limited pin description pin number pin name function soic-8 to-252-5 11 v in power input. 2 2 gnd ground. 3 4 refen reference voltage input and chip enable. 45 v out output voltage. 5, 6, 7, 8 3 v cntl supply voltage for internal circuit (internally connected for soic-8), (tab for to-252-5). pin configuration figure 2. pin configuration of ap2302l (top view) m package 7 v cntl 6 v cntl 5 v cntl 1 2 3 4 v in gnd refen v out (soic-8) (to-252-5) d package v in gnd v cntl (tab) refen v out 8 v cntl 1 2 3 4 5
2a ddr termination regulator ap2302l preliminary datasheet 3 nov. 2005 rev. 1. 1 bcd semiconductor manufacturing limited functional block diagram figure 3. functional block diagram of ap2302l package temperature range part number marking id packing type tin lead lead free tin lead lead free soic-8 0 to 125 o c ap2302lm-e1 2302lm-e1 tube ap2302lmtr-e1 2302lm-e1 tape  reel to-252-5 0 to 125 o c AP2302LD-E1 AP2302LD-E1 tube ap2302ldtr-e1 AP2302LD-E1 tape  reel ordering information bcd semiconductor's pb-free products, as designated with "e1" suffix in th e part number, are rohs compliant. circuit type package bandgap start up current limit thermal protect output control refen v in v cntl (tab) gnd v out 1 (1) 2 (2) 5,6,7,8 (3) 3 (4) 4 (5) a(b) a for soic-8 b for to-252-5 m: soic-8 d: to-252-5 ap2302l - e1: lead free blank: tin lead tr: tape and reel blank: tube
2a ddr termination regulator ap2302l preliminary datasheet 4 nov. 2005 rev. 1. 1 bcd semiconductor manufacturing limited absolute maximum ratings (note 1) recommended operating conditions note 1: stresses greater than those li sted under "absolute maximum ratings" may cause permanent damage to the device. these are stress ratings only, and functional operation of th e device at these or any othe r conditions beyond those indicated under "recommended operating c onditions" is not implie d. exposure to "absolute maximum ratings" for extended periods may affect device reliability.  parameter symbol value unit supply voltage for internal circuit v cntl 7v power dissipation p d internally limited w esd (human body model) esd 2 kv storage temperature range t stg -65 to 150 o c lead temperature (soldering, 5sec) t lead 260 o c package thermal resistance (free air) jc soic-8 28 o c/w to-252-5 13 parameter symbol min typ max unit supply voltage for internal circuit v cntl (note 2, 3) ` 3.36v power input ddr i v in 1.6 2.5 v cntl v ddr ii 1.8 junction temperature t j 0 125 o c note 2: keep v cntl ? v in in operation power on and power off sequences. note 3: for safe operation, v cntl must be tied to 3.3v rather than 5v.
2a ddr termination regulator ap2302l preliminary datasheet 5 nov. 2005 rev. 1. 1 bcd semiconductor manufacturing limited parameter symbol conditions min typ max unit output offset voltage v os l =0 (note 4) -20 0 20 mv load regulation ddr i ? v out i l =0 to 2a -20 0 20 mv i l =0 to -2a ddr ii i l =0 to 2a -20 0 20 i l =0 to -2a quiescent current of v cntl i q no load 3 5 ma leakage current in shutdown mode i shdn v refen <0.2v, r l =180 ? 36 a protection current limit i limit 2.6 a thermal shutdown temperature t shdn 3.3v v cntl 5v 150 o c thermal shutdown hysteresis 50 o c shutdown function shutdown threshold trigger output=high 0.8 v output=low 0.2 electrical characteristics (t a =25 o c, v in =2.5v, v cntl =3.3v, v refen =1.25v, c out =10 f (ceramic), unless ot herwise specified.) note 4: v os is the voltage measurement defined as v out subtracted from v refen .
2a ddr termination regulator ap2302l preliminary datasheet 6 nov. 2005 rev. 1. 1 bcd semiconductor manufacturing limited -40-20 0 20406080100120 2 4 6 v cntl =3.3v v in =2.5v v out =1.25v sourcing current (a) ambient temperature ( o c) typical performance characteristics figure 6. threshold voltag e vs. ambient temperature figure 7. threshold voltage vs. ambient temperature figure 4. sourcing current vs. ambient temperature figure 5. sinking curren t vs. ambient temperature -40-20 0 20406080100120 2 4 6 v cntl =3.3v v in =2.5v v out =1.25v sinking current (a) ambient temperature ( o c) -40-20 0 20406080100120 500 550 600 650 v cntl =3.3v v in =2.5v threshold voltage (mv) ambient temperature ( o c) -40-20 0 20406080100120 500 550 600 650 v cntl =5.0v v in =2.5v threshold voltage (mv) ambient temperature ( o c)
2a ddr termination regulator ap2302l preliminary datasheet 7 nov. 2005 rev. 1. 1 bcd semiconductor manufacturing limited 25 50 75 100 125 0.16 0.18 0.20 0.22 0.24 0.26 0.28 0.30 v cntl =5v v refen =1.0v r ds(on) ( ) ambient temperature ( o c) v in =0.9v v in =0.85v v in =0.8v 25 50 75 100 125 0.16 0.18 0.20 0.22 0.24 0.26 0.28 0.30 v cntl =3.3v v refen =1.0v r ds(on) ( ) ambient temperature ( o c) v in =0.9v v in =0.85v v in =0.8v typical performance ch aracteristics (continued) figure 10. r ds(on) vs. ambient temperature figure 11. r ds(on) vs. ambient temperature figure 8. 0.9v tt at 2a transient response figure 9. 1.25v tt at 2a transient response time ( s) time ( s) ? ? output transient voltage 20mv -20mv 2a -2a 20mv -20mv 2a -2a output transient voltage o u t p u t c u r r e n t o u t p u t c u r r e n t
2a ddr termination regulator ap2302l preliminary datasheet 8 nov. 2005 rev. 1. 1 bcd semiconductor manufacturing limited typical performance ch aracteristics (continued) figure 12. copper area vs. power dissipation 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 100 150 200 250 300 350 copper area (mm 2 ) power dissipation (w) t a =25 o c t a =50 o c t a =65 o c (for soic-8) figure 13. copper area vs. power dissipation 6.06.57.07.58.08.59.09.510.0 100 150 200 250 300 350 copper area (mm 2 ) power dissipation (w) t a =25 o c t a =50 o c t a =65 o c (for to-252-5)
2a ddr termination regulator ap2302l preliminary datasheet 9 nov. 2005 rev. 1. 1 bcd semiconductor manufacturing limited typical application figure 14. typical application of ap2302l r1 = r2 = 100k ? , r tt = 50 ? / 33 ? / 25 ? r dummy = 1k ?, as for v out discharge when v in is not present but v cntl is present c ss = 1 f, c in = 470 f, c cntl = 47 f, c out =470 f v in v cntl refen ap2302l v out gnd r tt r dummy c out v cntl = 3.3v en r 1 r 2 c ss c cntl c in v in = 2.5v
2a ddr termination regulator ap2302l preliminary datasheet 10 nov. 2005 rev. 1. 1 bcd semiconductor manufacturing limited mechanical dimensions soic-8 unit: mm(inch) 0 8 1 5 r 0 . 1 5 0 ( 0 . 0 0 6 ) r0.150(0.006) 1.000(0.039) 0.330(0.013) 0.510(0.020) 4.800(0.189) 5.000(0.197) 1.350(0.053) 1.750(0.069) 0.100(0.004) 0.300(0.012) 0.900(0.035) 0.800(0.031) 0.200(0.008) 3.800(0.150) 4.000(0.157) 7 7 2 0 : 1 d 1.270(0.050) typ 0.190(0.007) 0.250(0.010) 8 d 5.800(0.228) 6.200(0.244) 0.675(0.027) 0.725(0.029) 0.320(0.013) 8 9
2a ddr termination regulator ap2302l preliminary datasheet 11 nov. 2005 rev. 1. 1 bcd semiconductor manufacturing limited mechanical dimens ions (continued) 9.500(0.374) 9.900(0.390) 5.200(0.205) 5.400(0.213) 6.350(0.250) 6.650(0.262) 0.400(0.016) 0.600(0.024) 1.270(0.050) typ 2.540(0.100) typ 2.200(0.087) 2.400(0.094) 0.430(0.017) 0.580(0.023) 5.400(0.213) 5.700(0.224) 0.000(0.000) 0.127(0.005) 0.430(0.017) 0.580(0.023) 2.550(0.100) 2.900(0.114) 3.800(0.150) ref 1.400(0.055) 1.780(0.070) to-252-5 unit: mm(inch)
important notice bcd semiconductor manufacturing limited reserves the right to make changes without further not ice to any products or specifi- cations herein. bcd semiconductor manufacturing limited does not as sume any responsibility for us e of any its products for any particular purpose, nor does bcd semiconductor manufacturi ng limited assume any liability aris ing out of the application or use of any its products or circui ts. bcd semiconductor manufacturing limited does not convey any license under its patent rights or other rights nor the rights of others. - wafer fab shanghai sim-bcd semiconductor manufacturing limited 800, yi shan road, shanghai 200233, china tel: +86-21-6485 1491, fax: +86-21-5450 0008 bcd semiconductor manufacturing limited main site regional sales office shenzhen office shanghai sim-bcd semiconductor manuf acturing co., ltd. shenzhen office advanced analog circuits (shanghai) corporation shenzhen office 27b, tower c, 2070, middle shen nan road, shenzhen 518031, china tel: +86-755-8368 3987, fax: +86-755-8368 3166 taiwan office bcd semiconductor (taiwan) company limited 4f, 298-1, rui guang road, nei-hu district, taipei, taiwan tel: +886-2-2656 2808, fax: +886-2-2656 2806 usa office bcd semiconductor corporation 3170 de la cruz blvd., suite 105, santa clara, ca 95054-2411, u.s.a tel: +1-408-988 6388, fax: +1-408-988 6386 - ic design group advanced analog circuits (shanghai) corporation 8f, zone b, 900, yi shan road, shanghai 200233, china tel: +86-21-6495 9539, fax: +86-21-6485 9673 bcd semiconductor manufacturing limited http://www.bcdsemi.com


▲Up To Search▲   

 
Price & Availability of AP2302LD-E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X